Electronic Components Datasheet Search |
|
LD1117-G-XX-TQ3-B-R Datasheet(PDF) 6 Page - Unisonic Technologies |
|
LD1117-G-XX-TQ3-B-R Datasheet(HTML) 6 Page - Unisonic Technologies |
6 / 15 page LD1117/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 15 www.unisonic.com.tw QW-R102-006.AG ELECTRICAL CHARACTERISTICS(Cont.) For LD1117/A-1.8 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=3.8V, IOUT=10mA, TJ=25°C 1.764 1.800 1.836 V Output Voltage VOUT VIN=3.3 to 8V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1000mA 1.764 1.800 1.836 V Line Regulation ΔVOUT VIN=3.3 to 8V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=3.3V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤10V 5 10 mA Current Limit ILIMIT VIN=6.8V, TJ=25°C LD1117 800 mA LD1117A 1000 Output Noise Voltage eN B=10Hz to 10KHz, TJ=25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN=5.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT=100mA 1.00 1.10 V IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 IOUT=1A 1.20 1.30 Thermal Regulation TA=25°C, 30ms Pulse 0.01 0.10 %/W For LD1117/A-2.5 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=4.5V, IOUT=10mA, TJ=25°C 2.450 2.500 2.550 V Output Voltage VOUT VIN=3.9 to 10V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1000mA 2.450 2.500 2.550 V Line Regulation ΔVOUT VIN=3.9 to 10V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=3.9V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤10V 5 10 mA Current Limit ILIMIT VIN=7.5V, TJ=25°C LD1117 800 mA LD1117A 1000 Output Noise Voltage eN B=10Hz to 10KHz, TJ=25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN=5.5V, VRIPPLE =1VPP 60 75 dB Dropout Voltage VD IOUT=100mA 1.00 1.10 V IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 IOUT=1A 1.20 1.30 Thermal Regulation TA=25°C, 30ms Pulse 0.01 0.10 %/W |
Similar Part No. - LD1117-G-XX-TQ3-B-R |
|
Similar Description - LD1117-G-XX-TQ3-B-R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |