Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111M-1.8G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111M-1.8G1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111M-1.8G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2111M-1.8G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2111M-1.8G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
Jan. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
AP2111-1.2 Electrical Characteristic (Note 2)
VIN=2.5V, CIN=1.0µF (Ceramic), COUT=1.0µF (Ceramic), Typical TA=25°C, Bold typeface applies over -40°C≤TA≤85°C
ranges, unless otherwise specified (Note 3).
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =2.5V, 1mA ≤ IOUT ≤ 30mA
VOUT
×98.5%
1.2
VOUT
×101.5%
V
Maximum Output
Current
IOUT(Max)
VIN=2.5V, VOUT=1.182V to 1.218V
600
mA
Load Regulation
(V
OUT/VOUT)
IOUT
VIN=2.5V, 1mA ≤ IOUT ≤600mA
0.2
%/A
Line Regulation
(V
OUT/VOUT)
VIN
2.5V≤VIN≤6V, IOUT=30mA
0.02
%/V
IOUT =10mA
1000
1300
IOUT =300mA
1000
1300
Dropout Voltage
VDROP
IOUT=600mA
1000
1300
mV
Quiescent Current
IQ
VIN=2.5V, IOUT=0mA
55
80
µA
Standby Current
ISTD
VIN=2.5V, VEN in OFF mode
0.01
1.0
µA
f=100Hz
65
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p
VIN=2.5V,
IOUT=100mA
f=1kHz
65
dB
Output Voltage
Temperature Coefficient
(V
OUT/VOUT)
T
IOUT=30mA
TA=-40°C to 85°C
±100
ppm/°C
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
No Load, 10Hz ≤ f ≤100kHz
50
µVRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
6.0
VEN Low Voltage
VIL
Enable logic low, regulator off
0
0.4
V
Start-up Time
tS
No Load
20
µs
EN Pull Down Resistor
RPD
3.0
m
VOUT
Discharge
Resistor
RDCHG
Set EN pin at Low
60
Thermal
Shutdown
Temperature
TOTSD
160
Thermal
Shutdown
Hysteresis
THYOTSD
30
°C
SOIC-8
74.6
PSOP-8
43.7
Thermal Resistance
(Junction to Case)
θJC
SOT-223
50.9
°C /W


Similar Part No. - AP2111M-1.8G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111M-1.8G1 BCDSEMI-AP2111M-1.8G1 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2111M-1.8G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com