Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2115M-1.8TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115M-1.8TRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115M-1.8TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2115M-1.8TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115M-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2115 is CMOS process low dropout linear
regulator with enable function, the regulator delivers
a guaranteed 1A (min.) continuous load current.
The AP2115 features low power consumption.
The AP2115 is available in 1.2V, 1.8V, 2.5V and
3.3V regulator output, and available in excellent
output accuracy ±1.5%, it is also available in an
excellent load regulation and line regulation
performance.
The AP2115 is available in standard packages of
SOIC-8 and SOT-89-5.
Features
Output Voltage Accuracy: ±1.5%
Output Current: 1A (Min.)
Fold-back Short Current Protection: 50mA
Low Dropout Voltage (3.3V): 450mV (Typ.)
@ IOUT=1A
Stable with 4.7
µF Flexible Cap: Ceramic,
Tantalum and Aluminum Electrolytic
Excellent Line Regulation: 0.02%/V (Typ.),
0.1%/V (Max.) @ IOUT=30mA
Excellent Load Regulation: 0.2%/A @
IOUT=1mA to 1A
Low Quiescent Current: 60
µA (1.2V/1.8V/
2.5V)
Low Output Noise: 30
µVRMS
PSRR: 68dB @ Freq=1kHz (1.2V/1.8V)
OTSD Protection
Operation Temperature Range: -40
°C to 85°C
ESD: MM 400V, HBM 4000V
Applications
LCD Monitor
LCD TV
STB
Figure 1. Package Types of AP2115
SOIC-8
SOT-89-5


Similar Part No. - AP2115M-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2115M-1.8TRG1 DIODES-AP2115M-1.8TRG1 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
More results

Similar Description - AP2115M-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com