Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2125N-1.8TRE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125N-1.8TRE1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125N-1.8TRE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2125N-1.8TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
5
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6.5
V
Enable Input Voltage
VCE
-0.3 to VIN+0.3
V
Output Current
IOUT
450
mA
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance
θJA
SOT-23-3
200
oC/W
SOT-23-5
200
SC-70-5
300
SC-82
300
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
400
V
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
VOUT+0.5V
6
V
Operating Ambient Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.


Similar Part No. - AP2125N-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125N-1.8TRG1 DIODES-AP2125N-1.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results

Similar Description - AP2125N-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com