Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2120N-2.5TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2120N-2.5TRG1
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2120N-2.5TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2120N-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2120N-2.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
6
Nov. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120
Electrical Characteristics
AP2120-1.2 Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=2.2V
1mA
≤IOUT≤30mA
1.176
1.2
1.224
V
Input Voltage
VIN
6V
Output Current
IOUT
VIN-VOUT=1V
150
mA
Load Regulation
VRLOAD
VIN=2.2V
1mA
≤IOUT≤80mA
12
40
mV
Line Regulation
VRLINE
2.2V
≤VIN≤6V
IOUT=30mA
416
mV
Dropout Voltage
VDROP
IOUT=10mA
700
900
mV
IOUT=100mA
700
900
IOUT=150mA
700
900
IOUT=200mA
700
900
Quiescent Current
IQ
VIN=2.2V, IOUT=0mA
25
50
µA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=1kHz
VIN=2.2V
65
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
IOUT=30mA
±120
µV/oC
(
∆VOUT/VOUT)/∆T
±100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC, IOUT=0
10Hz
≤f≤100kHz
15
µVrms
(VIN=2.2V, TJ=25oC, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TJ≤85oC, unless otherwise specified.)


Similar Part No. - AP2120N-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2120N-2.5TRG1 DIODES-AP2120N-2.5TRG1 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
More results

Similar Description - AP2120N-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com