Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132MP-1.5TRG1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132MP-1.5TRG1
Description  2A CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132MP-1.5TRG1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2132MP-1.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.5TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
2A CMOS LDO Regulator
AP2132
Oct. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 8. Output Voltage vs. Case Temperature
Figure 9. Output Voltage vs. Output Current
Figure 10. Output Voltage vs. Input Voltage
Figure 11. Dropout Voltage vs. Output Current
-25
0
25
50
75
100
125
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
AP2132-1.2V
V
IN=2.2V
V
CTRL
=V
EN
=5V
Case Temperature (
oC)
I
OUT
=10mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
AP2132-1.2V
V
IN=2.2V
V
CTRL
=V
EN
=5V
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
AP2132-1.2V
V
CTRL
=V
EN
=5V
No Load
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
40
80
120
160
200
240
280
320
360
400
AP2132-1.2V
V
CTRL
=V
EN
=5V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Output Current (A)


Similar Part No. - AP2132MP-1.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132MP-1.5TRG1 DIODES-AP2132MP-1.5TRG1 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
More results

Similar Description - AP2132MP-1.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
   2A CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com