Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132MP-1.8TRG1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132MP-1.8TRG1
Description  2A CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132MP-1.8TRG1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2132MP-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.8TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
2A CMOS LDO Regulator
AP2132
Oct. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
11
Typical Application
VCTRL
VIN
VOUT
VIN
VCTRL
PG
EN
VIN
VOUT
ADJ
GND
CCTRL
1 F
C1
10 F
C2
10 F
R1
R2
10k
0.6 (R1+R2)
R2
VOUT =
AP2132
Figure 20. Typical Application of AP2132 for Adjustable Version
Figure 21. Typical Application of AP2132 for Fixed Version


Similar Part No. - AP2132MP-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132MP-1.8TRG1 DIODES-AP2132MP-1.8TRG1 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
More results

Similar Description - AP2132MP-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
   2A CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com