Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2318ADN-ADJTRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2318ADN-ADJTRG1
Description  1A ULDO REGULATOR WITH ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2318ADN-ADJTRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2318ADN-ADJTRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2318ADN-ADJTRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
1A ULDO REGULATOR WITH ENABLE
AP2318A
1
Aug. 2010 Rev 1. 3
BCD Semiconductor Manufacturing Limited
Figure 1. Package Type of AP2318A
PSOP-8
General Description
The AP2318A is a series of ultra low dropout
regulators optimized for low voltage applications
where transient response and minimum input voltage
are critical.
The AP2318A provides current limit and thermal
shutdown function. Its circuit includes a trimmed
bandgap reference to assure output voltage accuracy to
be within
±1%. On-chip thermal shutdown provides
protection against any combination of overload and
ambient temperatures that would cause excessive
junction temperatures.
The AP2318A has adjustable version, which can set
the output voltage through two external resistors.
The AP2318A is available in the standard DFN-3x3-8
and PSOP-8 packages.
Features
·
Wide Operating Voltage Range: 2.5V to 12V
·
Output Voltage Accuracy:
±1%
·
On-chip Thermal Shutdown
·
ESD Rating: 3000V (Human Body Model)
600V (Machine Model)
·
Operation Junction Temperature: -40oC to 125oC
Applications
·
Notebook
·
USB Device
·
Add-on Card
·
DVD Player
·
PC Motherboard
DFN-3x3-8


Similar Part No. - AP2318ADN-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2318AGEN-HF A-POWER-AP2318AGEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results

Similar Description - AP2318ADN-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2318 BCDSEMI-AP2318 Datasheet
851Kb / 16P
   600mA ULDO REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
Silicon Standard Corp.
SS8061G SSC-SS8061G Datasheet
606Kb / 6P
   1A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com