Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2112R5A-3.3TRG1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2112R5A-3.3TRG1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2112R5A-3.3TRG1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2112R5A-3.3TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2112R5A-3.3TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Preliminary Datasheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112
Aug. 2010 Rev 1. 0
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics (Continued)
AP2112-1.8 Electrical Characteristic (Note 2)
VIN=2.8V, CIN=1µF (Ceramic), COUT=1µF (Ceramic), Typical TA = 25°C, Bold typeface applies over -40°C≤TJ≤85°C ranges,
unless otherwise specified (Note 3).
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =2.8V, 1mA ≤ IOUT ≤ 30mA
VOUT
*98.5%
1.8
VOUT
*101.5%
V
Maximum Output Current
IOUT(MAX)
VIN=2.8V,
VOUT=1.773V to 1.827V
600
mA
Load Regulation
(V
OUT/VOUT)/
IOUT
VOUT=1.8V,
VIN=VOUT+1V,
1mA ≤ IOUT ≤600mA
0.2
%/A
Line Regulation
(V
OUT/VOUT)/
VIN
2.8V≤VIN≤6V, IOUT=30mA
0.02
±
0.1
%/V
IOUT =10mA
500
700
IOUT =300mA
500
700
Dropout Voltage
VDROP
IOUT=600mA
500
700
mV
Quiescent Current
IQ
VIN=2.8V, IOUT=0mA
55
80
µA
Standby Current
ISTD
VIN=2.8V, VEN in OFF mode
0.01
1.0
µA
f=100Hz
65
Power Supply Rejection
Ratio
PSRR
Ripple 0.5Vp-p
VIN=2.8V,
IOUT=100mA
f=1KHz
65
dB
Output Voltage
Temperature Coefficient
(V
OUT/VOUT)/
T
△ IOUT=30mA
TA =-40°C to 85°C
±100
ppm
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
No Load, 10Hz ≤ f ≤100kHz
50
µ
VRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
6.0
VEN Low Voltage
VIL
Enable logic low, regulator off
0
0.4
V
Start-up Time
TS
No Load
20
µs
EN Pull Down Resistor
RPD
3.0
M
VOUT Discharge Resistor
RDCHG
Set EN pin at Low
60
Thermal
Shutdown
Temperature
TOTSD
160
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
SOT-23-5
96
SOIC-8
75
Thermal Resistance
θJC
SOT-89-5
47
°C /W


Similar Part No. - AP2112R5A-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2112R5A-3.3TRG1 BCDSEMI-AP2112R5A-3.3TRG1 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112R5A-3.3TRG1 DIODES-AP2112R5A-3.3TRG1 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
More results

Similar Description - AP2112R5A-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com