Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2125KC-1.8TRE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125KC-1.8TRE1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125KC-1.8TRE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2125KC-1.8TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2125KC-1.8TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
1
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
General Description
The AP2125 series are 300mA, positive voltage regu-
lator ICs fabricated by CMOS process.
Each of these ICs is equipped with a voltage reference,
an error amplifier, a resistor network for setting output
voltage, a chip enable circuit, a current limit circuit and
OTSD (over temperature shut down) circuit to prevent
the IC from over current and over temperature.
The AP2125 series have features of high ripple rejec-
tion, low dropout voltage, low noise, high output volt-
age accuracy and low current consumption which
make them ideal for use in various battery-powered
apparatus.
The AP2125 have 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.15V
and 4.2V fixed voltage versions.
These ICs are available in tiny SC-70-5 and SC-82
packages as well as industry standard SOT-23-3 and
SOT-23-5 packages.
Features
·
Excellent Ripple Rejection: 70dB Typical (1.8V
Version)
·
Low Dropout Voltage: 65mV (IOUT=100mA,
3.3V Version)
·
Low Standby Current: 0.01µA Typical
·
Low Quiescent Current: 60µA Typical
·
Extremely Low Noise: 50µVrms Typical
·
Maximum Output Current: 300mA (Min.)
·
High Output Voltage Accuracy: ±2%
·
Compatible with Low ESR Ceramic Capacitor
·
Excellent Line/Load Regulation
Applications
·
CDMA/GSM Cellular Handsets
·
Battery-powered Equipments
·
Laptops, Palmtops, Notebook Computers
·
Hand-held Instruments
·
PCMCIA Cards
·
Portable Information Appliances
Figure 1. Package Types of AP2125
SOT-23-3
SOT-23-5
SC-70-5
SC-82


Similar Part No. - AP2125KC-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125K-1.8TRG1 DIODES-AP2125K-1.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.5TRG1 DIODES-AP2125K-2.5TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.8TRG1 DIODES-AP2125K-2.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-3.0TRG1 DIODES-AP2125K-3.0TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-3.3TRG1 DIODES-AP2125K-3.3TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results

Similar Description - AP2125KC-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com