Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2318DN-1.3TRG1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2318DN-1.3TRG1
Description  600mA ULDO REGULATOR WITH ENABLE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2318DN-1.3TRG1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2318DN-1.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2318DN-1.3TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA ULDO REGULATOR WITH ENABLE
AP2318
10
Dec. 2010 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 20. Supply Current vs. Output Current
(Conditions: VOUT=0.8V, ADJ Short to GND)
Figure 21. Supply Current vs. Output Current
(Conditions: VOUT=1.2V, R1=3kΩ, R2=6.2kΩ)
Figure 23. Load Transient Response
Figure 22. Load Transient Response
(Conditions: VIN=2.5V, VOUT=1.3V, IOUT=1mA to 300mA,
0
150
300
450
600
750
900
1050
1200
1350
1500
0
2
4
6
8
10
12
14
16
18
20
AP2318-ADJ
V
OUT=0.8V
ADJ short to GND
T
C=25
oC
V
IN=3.2V
V
IN=8V
V
IN=12V
Output Current (mA)
0
150
300
450
600
750
900
1050
1200
1350
1500
0
2
4
6
8
10
12
14
16
18
20
AP2318-ADJ
V
OUT=1.2V
R1=3k
R2=6.2k
T
C=25
oC
V
IN=3.2V
V
IN=2.5V
V
IN=12V
Output Current (mA)
CIN=1µF, COUT=2.2µF)
(Conditions: VIN=2.5V, VOUT=1.8V, IOUT=1mA to 600mA,
CIN=1µF, COUT=2.2µF)
Time (200
µs/Div)
Time (200
µs/Div)


Similar Part No. - AP2318DN-1.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2318A BCDSEMI-AP2318A Datasheet
709Kb / 13P
   1A ULDO REGULATOR WITH ENABLE
AP2318ADN-ADJTRG1 BCDSEMI-AP2318ADN-ADJTRG1 Datasheet
709Kb / 13P
   1A ULDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
AP2318AGEN-HF A-POWER-AP2318AGEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
logo
BCD Semiconductor Manuf...
AP2318AMP-ADJE1 BCDSEMI-AP2318AMP-ADJE1 Datasheet
709Kb / 13P
   1A ULDO REGULATOR WITH ENABLE
More results

Similar Description - AP2318DN-1.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2318A BCDSEMI-AP2318A Datasheet
709Kb / 13P
   1A ULDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_16 Datasheet
67Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com