Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102LM-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3102LM-G1
Description  GREEN MODE PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3102LM-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3102LM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
GREEN MODE PWM CONTROLLER
AP3102/V/L
Preliminary Datasheet
10
Jan. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 12. Oscillation Frequency
Figure 13. VCC Start-up Current vs. VCC Voltage
Figure 14. Operation Current vs. VCC Voltage
vs. Ambient Temperature (R8=27k
Ω)
04
8
12
16
0.0
2.0
4.0
6.0
8.0
V
CC (V)
0
4
8
1216
2024
0
1
2
3
4
V
CC (V)
-40
-20
0
20
40
60
80
100
120
140
40
50
60
70
80
90
Ambient Temperature (
oC)
f
OSC Typical


Similar Part No. - AP3102LM-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3102LM-G1 DIODES-AP3102LM-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102LM-G1

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com