Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2125N-2.8TRG1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125N-2.8TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125N-2.8TRG1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2125N-2.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2125N-2.8TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
10
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=4.3V
1mA
≤IOUT≤30mA
3.234
3.3
3.366
V
Input Voltage
VIN
6V
Maximum Output Current
IOUT(MAX)
VIN-VOUT=1V, VOUT=3.23V
300
360
mA
Load Regulation
VRLOAD
VIN=4.3V
1mA
≤IOUT≤300mA
13
mV
Line Regulation
VRLINE
4.3V
≤VIN≤6V
IOUT=30mA
1mV
Dropout Voltage
VDROP
IOUT=10mA
6.5
10
mV
IOUT=100mA
65
100
IOUT=300mA
200
300
Quiescent Current
IQ
VIN=4.3V, IOUT=0mA
60
90
µA
Standby Current
ISTD
VIN=4.3V
VCE in OFF mode
0.01
1.0
µA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p
VIN=4.3V
f=100Hz
65
dB
f=1KHz
65
dB
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)/∆TIOUT=30mA
±100
ppm/oC
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz
≤f≤100kHz
50
µVrms
CE "High" Voltage
CE input voltage "High"
1.5
V
CE "Low" Voltage
CE input voltage "Low"
0.4
V
Thermal Shutdown
160
oC
Thermal Shutdown Hyster-
esis
25
oC
(VIN=4.3V, TA=25oC, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TJ≤85oC, unless otherwise specified.)
AP2125-3.3 Electrical Characteristics
Electrical Characteristics (Continued)


Similar Part No. - AP2125N-2.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125N-2.8TRG1 DIODES-AP2125N-2.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results

Similar Description - AP2125N-2.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com