Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1106G-XX-AB3-B-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LR1106G-XX-AB3-B-R
Description  LARGE CURRENT POSITIVE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106G-XX-AB3-B-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LR1106G-XX-AB3-B-R Datasheet HTML 7Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 8Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 9Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 10Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 11Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 12Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 13Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 14Page - Unisonic Technologies LR1106G-XX-AB3-B-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 17
www.unisonic.com.tw
QW-R502-055,Q
TYPICAL CHARACTERISTICS (Cont.)
(2) LR1106-25
CIN=CL=1.0µF (tantalum)
1.2
1.0
0.6
0.0
0
100
200
300
400
85°С
TOPR=25°С
Output Current, IOUT (mA)
0.8
0.4
0.2
20
8
85°С
TOPR=25°С
Input Voltage, VIN (V)
6
4
2
0
15
10
5
0
Dropout Voltage vs Output Current
Supply Current vs Input Voltage
2.60
2.40
100
Ambient Temperature, TOPR (°С)
IOUT=1mA
IOUT=40mA
IOUT=100mA
80
60
40
20
0
-20
-40
-60
2.45
2.50
2.55
0
100
Ambient Temperature, TOPR (°С)
80
60
40
20
0
-20
-40
-60
5
10
15
20
VIN=3.5V
Output Voltage vs Ambient Temperature
Supply Current vs Ambient Temperature


Similar Part No. - LR1106G-XX-AB3-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106G-15-AB3-B-R UTC-LR1106G-15-AB3-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-15-AE3-B-R UTC-LR1106G-15-AE3-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-15-AF5-B-R UTC-LR1106G-15-AF5-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-15-S08-B-R UTC-LR1106G-15-S08-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106G-18-AB3-B-R UTC-LR1106G-18-AB3-B-R Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1106G-XX-AB3-B-R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203 TOREX-XC6203_1 Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Sanyo Semicon Device
2SB927 SANYO-2SB927 Datasheet
79Kb / 3P
   Large-Current Driving Applications??????????
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
   Large-Current Driving Applications
logo
ON Semiconductor
2SD1207S-AE ONSEMI-2SD1207S-AE Datasheet
97Kb / 5P
   Large-Current Switching Applications
Jan-2011, Rev. 0
logo
Murata Manufacturing Co...
BNX027H01 MURATA1-BNX027H01_V01 Datasheet
319Kb / 4P
   Supporting large current (20A)
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com