Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV831 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZV831
Description  Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZV831 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Advance Datasheet
Single Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifier
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
11
AZV831
Typical Performance Characteristics (Continued)
Figure 12. Output Voltage vs. Output Current
Figure 13. Output Voltage vs. Output Current
Figure 14. Output Short Circuit Current vs. Temperature Figure 15. Output Short Circuit Current vs. Temperature
0.01
0.1
1
10
1
10
100
1000
V
CC=3.0V, VEE=0V
Output Current (mA)
Sink Current
Source Current
0.01
0.1
1
10
100
1
10
100
1000
10000
V
CC=5.0V, VEE=0V
Output Current (mA)
Sink Current
Source Current
-40
-20
0
20
406080
100
0
20
40
60
80
100
120
140
160
V
EE=0V
V
O short to VCC
Temperature (
oC)
V
CC=1.6V
V
CC=1.8V
V
CC=3.0V
V
CC=5.0V
-40
-20
0
20
406080
100
0
20
40
60
80
100
120
140
160
180
200
V
EE=0V
V
O short to VEE
Temperature (
oC)
V
CC=1.6V
V
CC=1.8V
V
CC=3.0V
V
CC=5.0V


Similar Part No. - AZV831

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
logo
BCD Semiconductor Manuf...
AZV831KSTR-G1 BCDSEMI-AZV831KSTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
AZV831KTR-G1 BCDSEMI-AZV831KTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV831KTR-G1 DIODES-AZV831KTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

Similar Description - AZV831

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com