Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS78L05MTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L05MTR-E1
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L05MTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS78L05MTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L05MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Data Sheet
4
Aug. 2011 Rev. 1. 9
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
TO-92
-40 to 125oC
AS78L05Z-E1
AS78L05Z-G1
AS78L05Z-E1
AS78L05Z-G1
Bulk
AS78L05ZTR-E1
AS78L05ZTR-G1
AS78L05Z-E1
AS78L05Z-G1
Ammo
AS78L05CZTR-E1
AS78L05CZTR-G1
AS78L05Z-E1
AS78L05Z-G1
Ammo
AS78L12Z-E1
AS78L12Z-G1
AS78L12Z-E1
AS78L12Z-G1
Bulk
AS78L12ZTR-E1
AS78L12ZTR-G1
AS78L12Z-E1
AS78L12Z-G1
Ammo
AS78L15Z-E1
AS78L15Z-G1
AS78L15Z-E1
AS78L15Z-G1
Bulk
AS78L15ZTR-E1
AS78L15ZTR-G1
AS78L15Z-E1
AS78L15Z-G1
Ammo
AS78L18Z-E1
AS78L18Z-G1
AS78L18Z-E1
AS78L18Z-G1
Bulk
AS78L18ZTR-E1
AS78L18ZTR-G1
AS78L18Z-E1
AS78L18Z-G1
Ammo
AS78L24Z-E1
AS78L24Z-G1
AS78L24Z-E1
AS78L24Z-G1
Bulk
AS78L24ZTR-E1
AS78L24ZTR-G1
AS78L24Z-E1
AS78L24Z-G1
Ammo
SOT-89
-40 to 125oC
AS78L05RTR-E1
AS78L05RTR-G1
E78E
G78E
Tape & Reel
AS78L12RTR-E1
AS78L12RTR-G1
E78F
G78F
Tape & Reel
AS78L15RTR-E1
AS78L15RTR-G1
E78G
G78G
Tape & Reel
AS78L18RTR-E1
AS78L18RTR-G1
E78H
G78H
Tape & Reel
AS78L24RTR-E1
AS78L24RTR-G1
E78I
G78I
Tape & Reel
SOIC-8
-40 to 125oC
AS78L05M-E1
AS78L05M-G1
AS78L05M-E1
AS78L05M-G1
Tube
AS78L05MTR-E1
AS78L05MTR-G1
AS78L05M-E1
AS78L05M-G1
Tape & Reel
AS78L12M-E1
AS78L12M-G1
AS78L12M-E1
AS78L12M-G1
Tube
AS78L12MTR-E1
AS78L12MTR-G1
AS78L12M-E1
AS78L12M-G1
Tape & Reel
AS78L15M-E1
AS78L15M-G1
AS78L15M-E1
AS78L15M-G1
Tube
AS78L15MTR-E1
AS78L15MTR-G1
AS78L15M-E1
AS78L15M-G1
Tape & Reel
AS78L18M-E1
AS78L18M-G1
AS78L18M-E1
AS78L18M-G1
Tube
AS78L18MTR-E1
AS78L18MTR-G1
AS78L18M-E1
AS78L18M-G1
Tape & Reel
AS78L24M-E1
AS78L24M-G1
AS78L24M-E1
AS78L24M-G1
Tube
AS78L24MTR-E1
AS78L24MTR-G1
AS78L24M-E1
AS78L24M-G1
Tape & Reel
Ordering Information
Circuit Type
Package
E1: Lead Free
AS78LXX
TR: Tape & Reel or Ammo
Z: TO-92
-
Output Voltage
05: 05V
12: 12V
Blank: Bulk
R: SOT-89
15: 15V
18: 18V
24: 24V
M: SOIC-8
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
G1: Green
C: High Precision
Blank: Normal Precision


Similar Part No. - AS78L05MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05MTR-E1 BCDSEMI-AS78L05MTR-E1 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78L05MTR-E1 DIODES-AS78L05MTR-E1 Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L05MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com