Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100CT-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # MBR20H100CT-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR20H100CT-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button MBR20H100CT-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited MBR20H100CT-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100C
Data Sheet
6
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 4
Figure 4. Typical Forward Voltage
Figure 5. Typical Reverse Current
Typical Performance Characteristics
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
F, Instantaneous Forward Voltage (V)
25
oC
125
oC
150
oC
175
oC
20
40
60
80
100
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
0.01
V
R, Reverse Voltage (V)
25
oC
125
oC
150
oC
175
oC


Similar Part No. - MBR20H100CT-G1

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20H100CT-G1 KERSEMI-MBR20H100CT-G1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR20H100CT-G1 DIODES-MBR20H100CT-G1 Datasheet
523Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR20H100CT-G1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com