Electronic Components Datasheet Search |
|
LR1118G-XX-TQ2-A-T Datasheet(PDF) 3 Page - Unisonic Technologies |
|
LR1118G-XX-TQ2-A-T Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 8 page LR1118 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 8 www.unisonic.com.tw QW-R102-029,G ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Input Voltage VIN 15 V Junction Temperature TJ +125 ℃ Operating Temperature TOPR 0 ~ +125 ℃ Storage Temperature TSTG -40 ~ +150 ℃ Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Case SOT-223 θJC 15 ℃ /W SOP-8 20 TO-252 8 TO-220 4 TO-263 4 ELECTRICAL CHARACTERISTICS (TA=25℃, refer to the test circuits, TJ=-0~125℃, CO=10μF, unless otherwise specified.) For LR1118-1.2V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25℃ 1% 1.188 1.2 1.212 V 2% 1.176 1.224 VIN =(VOUT+2V)~15V, IOUT=0 to 1A 1.176 1.2 1.224 V Line Regulation ΔVOUT VIN =(VOUT+2V)~15V, IOUT=0A 0.1 0.6 % Load Regulation VIN =VOUT+2V, IOUT=0 to 1A 2 3 % Temperature Stability 0.5 % Long Term Stability 1000 hrs, TJ=125℃ 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25℃ 800 1500 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25℃ 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25℃ VIN=VOUT+2.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT= 100mA 0.88 0.98 V IOUT= 1A 1.10 1.20 Thermal Regulation TA=25℃, 30ms Pulse 0.01 0.10 %/W |
Similar Part No. - LR1118G-XX-TQ2-A-T |
|
Similar Description - LR1118G-XX-TQ2-A-T |