Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA42
Description  HIGH VOLTAGE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA42 Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA42_09 Datasheet HTML 1Page - Unisonic Technologies MMBTA42_09 Datasheet HTML 2Page - Unisonic Technologies MMBTA42_09 Datasheet HTML 3Page - Unisonic Technologies MMBTA42_09 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA42
NPN SILICON TRANSISTOR
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
The UTC MMBTA42 are high voltage transistors, designed for
telephone switch and high voltage switch.
FEATURES
* Collector-Emitter voltage: VCEO=300V
* High current gain
* Collector Dissipation: Pc (max) =350mW
Lead-free:
MMBTA42L
Halogen-free: MMBTA42G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
MMBTA42-AE3-R
MMBTA42L-AE3-R
MMBTA42G-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING
1D.
L: Lead Free
G: Halogen Free
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-004,E


Similar Part No. - MMBTA42_09

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBTA42 WEITRON-MMBTA42_06 Datasheet
209Kb / 4P
   High-Voltage NPN Transistor Surface Mount
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42_07 Datasheet
94Kb / 8P
   Small signal NPN transistor
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_08 Datasheet
106Kb / 3P
   NPN Silicon High Voltage Transistor
More results

Similar Description - MMBTA42_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com