Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA56
Description  AMPLIFIER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA56 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA56 Datasheet HTML 1Page - Unisonic Technologies MMBTA56 Datasheet HTML 2Page - Unisonic Technologies MMBTA56 Datasheet HTML 3Page - Unisonic Technologies MMBTA56 Datasheet HTML 4Page - Unisonic Technologies MMBTA56 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTA56
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R206-090,B
ABSOLUTE MAXIMUM RATINGS (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-4
V
Collector Current - Continuous
IC
-500
mA
Total Device Dissipation(Note 1)
Derate Above 25℃
PD
350
2.8
mW
mW/℃
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note 1. Device mounted on FR-4=1.6×1.6×0.06 in
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
Thermal Resistance, Junction to Ambient
θJA
357
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(Note 1)
BVCEO IC=-1.0mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
BVEBO IE=-100μA, Ic=0
-4
V
Collector Cutoff Current
ICES
VCE=-60V, IB=0
-0.1
μA
Collector Cutoff Current
ICBO
VCB=-80V, IE=0
-0.1
μA
ON CHARACTERISTICS
DC Current Gain
hFE
IC=-10mA, VCE=-1V
IC=-100mA, VCE=-1V
100
100
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-100mA, IB=-10mA
-0.25
V
Base-Emitter on Voltage
VBE(ON) IC=-100mA, VCE=-1V
-1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
(Note2)
fT
IC=-10mA, VCE=-2V,
f=100MHz
100
MHz
Note 1: Pulse test: PW≤300
μs, Duty Cycle≤2%
2: fT is defined as the frequency at which IhfeI extrapolates to unity.


Similar Part No. - MMBTA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56 ONSEMI-MMBTA56 Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA56 MCC-MMBTA56 Datasheet
257Kb / 4P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBTA56 DIOTEC-MMBTA56 Datasheet
107Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
logo
SeCoS Halbleitertechnol...
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
logo
Transys Electronics
MMBTA56 TRSYS-MMBTA56 Datasheet
140Kb / 1P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - MMBTA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 1
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
   Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
   Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
   Amplifier Transistor
August, 2006 ??Rev. 1
logo
Fairchild Semiconductor
KSP05 FAIRCHILD-KSP05 Datasheet
35Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
MPS3390 MOTOROLA-MPS3390 Datasheet
169Kb / 5P
   AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1 Datasheet
97Kb / 8P
   Amplifier Transistor
January, 2001 ??Rev. 0
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
MPS4124 MOTOROLA-MPS4124 Datasheet
57Kb / 4P
   Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com