Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD268 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LD268
Description  GaAs-IR-Lumineszenzdioden-Zeilen GaAs Infrared Emitter Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD268 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LD268 Datasheet HTML 1Page - Siemens Semiconductor Group LD268 Datasheet HTML 2Page - Siemens Semiconductor Group LD268 Datasheet HTML 3Page - Siemens Semiconductor Group LD268 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
1997-11-01
LD 260
LD 262 ... LD 269
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VE), single pulse, tp = 20 µs
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01042
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TC = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (IF)
Ι
OHR01039
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)
10
Ι
F
OHR02182
τ
1
2
10
3
10
4
10
mA
-5
10
10
-4
-3
10
-2
10
-1
10
0
10
s
T
τ
=
D
F
Ι
T
τ
DC
0,5
0,2
0,1
0,05
0
0,005
0,01
0,02
=
D
Max. permissible forward current
IF = f (TA)
T
OHR01124
A
0
F
Ι
0
2040
6080
100
C
mA
10
20
30
40
50
60
70
80
T
L
,
R
thJL = 650 K/W
= 750 K/W
thJA
R
Radiation characteristics Irel = f (ϕ)
OHR01878
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - LD268

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD268 OSRAM-LD268 Datasheet
265Kb / 7P
   GaAs Infrared Emitter Arrays
More results

Similar Description - LD268

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH415 SIEMENS-SFH415 Datasheet
47Kb / 5P
   GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
logo
OSRAM GmbH
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
LD260 OSRAM-LD260 Datasheet
265Kb / 7P
   GaAs Infrared Emitter Arrays
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
   GaAs-IR-Lumineszenzdioden
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com