Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV256TCP55 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62LV256TCP55
Description  Very Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV256TCP55 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62LV256TCP55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV256TCP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BS62LV256
R0201-BS62LV256
Revision
2.7
Oct.
2008
3
DC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNITS
VCC
Power Supply
2.4
--
5.5
V
VIL
Input Low Voltage
-0.5
(2)
--
0.8
V
VIH
Input High Voltage
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC
--
--
1
uA
ILO
Output Leakage Current
CE= VIH, or OE = VIH,
VI/O = 0V to VCC
--
--
1
uA
VOL
Output Low Voltage
VCC = Max, IOL = 0.5mA
--
--
0.4
V
VOH
Output High Voltage
VCC = Min, IOH = -0.5mA
2.4
--
--
V
VCC=3.0V
--
--
25
ICC
(5)
Operating Power Supply
Current
CE = VIL,
IDQ = 0mA, f = FMAX
(4)
VCC=5.0V
--
--
40
mA
VCC=3.0V
--
--
1
ICC1
Operating Power Supply
Current
CE = VIL,
IDQ = 0mA, f = 1MHz
VCC=5.0V
--
--
2
mA
VCC=3.0V
--
--
1.0
ICCSB
Standby Current – TTL
CE = VIH,
IDQ = 0mA
VCC=5.0V
--
--
2.0
mA
VCC=3.0V
--
0.01
0.7
ICCSB1
(6)
Standby Current – CMOS
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=5.0V
--
0.4
5.0
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. ICC (MAX.) is 20mA/35mA at VCC=3.0V/5.0V and TA=70
OC.
6. ICCSB1(MAX.) is 0.4uA/4.0uA at VCC=3.0V/5.0V and TA=70
OC.
DATA RETENTION CHARACTERISTICS (TA = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
VCC for Data Retention
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
--
0.01
0.4
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. Typical characteristics are at VCC=1.5V, TA=25
OC and not 100% tested.
2. tRC = Read Cycle Time.
3. ICCRD(Max.) is 0.3uA at TA=70
OC.
LOW VCC DATA RETENTION WAVEFORM (CE Controlled)
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE≧VCC - 0.2V
VDR≧1.5V
CE
VCC


Similar Part No. - BS62LV256TCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256TCP55 BSI-BS62LV256TCP55 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV256TCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com