Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1600 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV1600
Description  Very Low Power CMOS SRAM 2M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1600 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV1600 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1600 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Very Low Power CMOS SRAM
2M X 8 bit
BS62LV1600
R0201-BS62LV1600
Revision
2.4
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC operation voltage : 2.4V ~ 5.5V
Very low power consumption :
VCC = 3.0V
Operation current : 46mA (Max.)at 55ns
2mA (Max.)at 1MHz
Standby current :
8/16uA (Max.) at 70/85
OC
VCC = 5.0V
Operation current : 115mA (Max.)at 55ns
10mA (Max.)at 1MHz
Standby current :
50/100uA(Max.) at 70/85
OC
High speed access time :
-55
55ns (Max.) at VCC : 3.0~5.5V
-70
70ns (Max.) at VCC : 2.7~5.5V
Automatic power down when chip is deselected
Easy expansion with CE1, CE2 and OE options
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS62LV1600 is a high performance, very low power CMOS
Static Random Access Memory organized as 2048K by 8 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 16/100uA at Vcc=3/5V at 85
OC and maximum access time
of 55/70ns.
Easy memory expansion is provided by an active LOW chip enable
(CE1), an active HIGH chip enable (CE2), and active LOW output
enable (OE) and three-state output drivers.
The BS62LV1600 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS62LV1600 is available in JEDEC standard 44-pin TSOP II
and 48-ball BGA package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5.0V
VCC=3.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS62LV1600EC
TSOP II-44
BS62LV1600FC
Commercial
+0
OC to +70OC
50uA
8.0uA
9mA
48mA
113mA
1.5mA
19mA
45mA
BGA-48-0912
BS62LV1600EI
TSOP II-44
BS62LV1600FI
Industrial
-40
OC to +85OC
100uA
16uA
10mA
50mA
115mA
2mA
20mA
46mA
BGA-48-0912
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
A4
A3
A2
A1
A0
CE1
NC
NC
DQ0
DQ1
VCC
VSS
DQ2
DQ3
NC
A20
WE
A19
A18
A17
A16
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS62LV1600EC
BS62LV1600EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
CE2
A8
NC
NC
DQ7
DQ6
VSS
VCC
DQ5
DQ4
NC
NC
A9
A10
A11
A12
A13
A14
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
A19
A12
A14
A13
A15
WE
NC
NC
NC
DQ7
A17
A16
A7
VSS
VCC
DQ2
DQ1
DQ6
DQ5
NC
A5
OE
A3
A0
A6
A4
A1
A2
CE2
NC
NC
NC
CE1
DQ4
NC
48-ball BGA top view
NC
NC
DQ0
VSS
VCC
DQ3
NC
A18
A20
A8
Address
Input
Buffer
Row
Decoder
Memory Array
4096 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A8
A2 A1 A0 A10
Data
Input
Buffer
Control
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A20
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
9
512
4096
4096
12
A9
A11
Data
Output
Buffer
A3
CE1
CE2
WE
OE
VCC
VSS
A19


Similar Part No. - BS62LV1600

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EC BSI-BS62LV1600EC Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600EC55 BSI-BS62LV1600EC55 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EC70 BSI-BS62LV1600EC70 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1600

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1603 BSI-BS62LV1603 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com