Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV256TIP10 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62UV256TIP10
Description  Ultra Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256TIP10 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62UV256TIP10 Datasheet HTML 1Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256TIP10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ultra Low Power CMOS SRAM
32K X 8 bit
BS62UV256
R0201-BS62UV256
Revision
2.7
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC low operation voltage : 1.8V ~ 3.6V
Ultra low power consumption :
VCC = 2.0V Operation current : 15mA (Max.) at 150ns
0.5mA (Max.) at 1MHz
Standby current :
0.3/0.5uA(Max.) at 70
OC/85OC
VCC = 3.0V Operation current : 25mA (Max.) at 150ns
1mA (Max.) at 1MHz
Standby current :
0.4/0.7uA (Max.)at 70
OC/85OC
High speed access time :
-10
100ns (Max.)
-15
150ns (Max.)
Automatic power down when chip is deselected
Easy expansion with CE and OE options
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS62UV256 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 32,768 by 8 bits and
operates form a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 0.5uA at Vcc=2V at 85
OC and maximum access time of
100ns/150ns in 2.0V operation.
Easy memory expansion is provided by an active LOW chip enable
(CE), and active LOW output enable (OE) and three-state output
drivers.
The BS62UV256 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS62UV256 is available in DICE form, JEDEC standard 28 pin
330mil Plastic SOP, 600mil Plastic DIP, 8mmx13.4mm TSOP
(normal type) Package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=3.0V
VCC=2.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=3.0V
VCC=2.0V
1MHz
fMax.
1MHz
fMax.
PKG TYPE
BS62UV256DC
DICE
BS62UV256PC
PDIP-28
BS62UV256SC
SOP-28
BS62UV256TC
Commercial
+0
OC to +70OC
0.4uA
0.3uA
0.9mA
20mA
0.6mA
10mA
TSOP-28
BS62UV256PI
PDIP-28
BS62UV256SI
SOP-28
BS62UV256TI
Industrial
-40
OC to +85OC
0.7uA
0.5uA
1.0mA
25mA
0.8mA
15mA
TSOP-28
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BS62UV256PC
BS62UV256PI
BS62UV256SC
BS62UV256SI
Address
Input
Buffer
Row
Decoder
Memory Array
512X512
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A3 A2 A1 A0 A10
Data
Input
Buffer
Control
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A5
A6
A7
A12
A14
A13
A8
A9
A11
8
8
8
8
6
64
512
512
9
A4
CE
WE
OE
VCC
GND
Data
Output
Buffer
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
BS62UV256TC
BS62UV256TI
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - BS62UV256TIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256TIP10 BSI-BS62UV256TIP10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256TIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_06 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256 Datasheet
331Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com