Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1116L-XX-AB3-C-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1116L-XX-AB3-C-T
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1116L-XX-AB3-C-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1116L-XX-AB3-C-T Datasheet HTML 1Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 2Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 3Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 4Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 5Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 6Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 7Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 8Page - Unisonic Technologies LR1116L-XX-AB3-C-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1116/B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-022.O
LOW DROP POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LR1116/B is a low drop voltage regulator able to provide
up to 0.8/0.5A of output current. Output consists of PNP power
transistor. So that dropout voltage can be extremely low.
FEATURES
* 2.85V Device are Suitable for SCSI-2 Active Termination
* Output Current up to 0.8/0.5A
* Internal Current and Thermal Limit
* Available in
±1%(at 25°C) and 2% in all Temperature
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
LR11161L-xx-AA3-A-R
LR11161G-xx-AA3- -
SOT-223
Pin Code 1 2 3
R: Tape Reel
T: Tube
LR11161L-xx-AB3-A-R
LR11161G-xx-AB3- -
SOT-89
A
G O I
LR11161L-xx-TA3-D-T
LR11161G-xx-TA3- -
TO-220
B
O G I
LR11161L-xx-TN3-A-R
LR11161G-xx-TN3- -
TO-252
C
G I O
LR11161L-xx-TQ2-D-R
LR11161G-xx-TQ2- -
TO-263
D
I G O
LR11161L-xx-S08-R
LR11161G-xx-S08-R
SOP-8
GOOIxOOx
Notes: 1. 1: Current code: Blank: 0.8A
B: 0.5A
2. Pin Assignment: I:VIN O:VOUT G:GND x: NC
3. xx: Output Voltage, Refer to Marking Information.
LR1116 1 L-xx-AA3-A-R
(1) Packing Type
(3) Package Type
(4) Output Voltage Code
(5) Lead Free
(2) Pin Assignment
(1) R: Tape Reel, T: Tube
(2) Refer to Pin Assignment
(3) AA3: SOT-223, AB3: SOT-89, TA3: TO-220
TN3: TO-252, TQ2: TO-263, S08: SOP-8
(4) xx: Refer to Marking Information
(5) G: Halogen Free, L: Lead Free
(6) Current Code
(6) Blank: 0.8A, B: 0.5A


Similar Part No. - LR1116L-XX-AB3-C-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116 Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
LR1116 UTC-LR1116 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116-XX-AA3-A-R UTC-LR1116-XX-AA3-A-R Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
LR1116-XX-AA3-A-T UTC-LR1116-XX-AA3-A-T Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LR1116L-XX-AB3-C-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118_12 Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
127Kb / 6P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117_12 Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com