Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV8001 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS62LV8001
Description  Very Low Power CMOS SRAM 1M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV8001 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS62LV8001 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV8001 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
BS62LV8001
R0201-BS62LV8001
Revision
2.4
Oct.
2008
10
Revision History
Revision No.
History
Draft Date
Remark
2.2
Add Icc1 characteristic parameter
Jan. 13, 2006
Improve Iccsb1 spec.
I-grade from 110uA to 50uA at 5.0V
10uA to 8.0uA at 3.0V
C-grade from 55uA to 25uA at 5.0V
5.0uA to 4.0uA at 3.0V
2.3
Change I-grade operation temperature range
May. 25, 2006
- from –25OC to –40OC
Change Iccdr spec.
I-grade from 2.5uA to 4.0uA
C-grade from 1.3uA to 2.0uA
Typical from 0.8 to 0.4uA
2.4
Typical value of standby current is replaced by
Oct. 31, 2008
maximum value in Featues and Description
section
Remove “-: Normal” (Leaded) PKG Material in
ordering information


Similar Part No. - BS62LV8001

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001DC55 BSI-BS62LV8001DC55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001DC70 BSI-BS62LV8001DC70 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001DCG55 BSI-BS62LV8001DCG55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
More results

Similar Description - BS62LV8001

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com