Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV1010 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616UV1010
Description  Ultra Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616UV1010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BS616UV1010
R0201-BS616UV1010
Revision
2.7
Oct.
2008
6
READ CYCLE 2
(1,3,4)
READ CYCLE 3
(1, 4)
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE = VIL.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL.
5. Transition is measured
± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
tOH
tRC
tOE
tBE
tBDO
DOUT
CE
OE
ADDRESS
tCLZ
(5)
tCHZ
(1,5)
tOHZ
(5)
tOLZ
tAA
LB, UB
tBA
tCLZ
(5)
tCHZ
(5)
DOUT
LB, UB
CE
tBA
tACS
tBE
tBDO


Similar Part No. - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010AC BSI-BS616UV1010AC Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616UV1010AC10 BSI-BS616UV1010AC10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ACG10 BSI-BS616UV1010ACG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com