Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV1010 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616UV1010
Description  Ultra Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616UV1010 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ultra Low Power CMOS SRAM
64K X 16 bit
BS616UV1010
R0201-BS616UV1010
Revision
2.7
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC low operation voltage : 1.9V ~ 3.6V
Ultra low power consumption :
VCC = 2.0V
Operation current : 15mA (Max.) at 100ns
1.0mA (Max.)at 1MHz
Standby current :
0.5/1uA (Max.)at 70/85
OC
VCC = 3.0V
Operation current : 20mA (Max.) at 100ns
2.0mA (Max.)at 1MHz
Standby current :
1/1.5uA (Max.) at 70/85
OC
High speed access time :
-10
100ns (Max.)
Automatic power down when chip is deselected
Easy expansion with CE and OE options
I/O Configuration x8/x16 selectable by LB and UB pin.
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS616UV1010 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 65,536 by 16 bits and
operates form a wide range of 1.9V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 1/1.5uA at Vcc=2/3V at 85
OC and maximum access time
of 100ns.
Easy memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and three-state output
drivers.
The BS616UV1010 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS616UV1010 is available in DICE form, JEDEC standard
44-pin TSOP II and 48-ball BGA package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=3.0V
VCC=2.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=3.0V
VCC=2.0V
1MHz
fMax.
1MHz
fMax.
PKG TYPE
BS616UV1010DC
DICE
BS616UV1010AC
BGA-48-0608
BS616UV1010EC
Commercial
+0
OC to +70OC
1.0uA
0.5uA
1.5mA
18mA
0.8mA
13mA
TSOP II-44
BS616UV1010AI
BGA-48-0608
BS616UV1010EI
Industrial
-40
OC to +85OC
1.5uA
1.0uA
2.0mA
20mA
1.0mA
15mA
TSOP II-44
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
VSS
DQ4
DQ5
DQ6
DQ7
WE
A15
A14
A13
A12
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS616UV1010EC
BS616UV1010EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
VSS
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
NC
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
D13
D5
D7
D6
NC
NC
A7
VSS
VCC
D12
D11
D4
D3
NC
A5
OE
A3
A0
A6
A4
A1
A2
NC
UB
D10
D1
CE
D2
D0
48-ball BGA top view
LB
D8
D9
VSS
VCC
D14
D15
NC
NC
A8
Address
Input
Buffer
Row
Decoder
Memory Array
512 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A9
A2 A1
A0
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A8
A13
A15
A14
A12
A7
A6
A5
A4
16
16
16
16
7
128
2048
512
9
A11
Data
Output
Buffer
A3
CE
WE
OE
UB
LB
VCC
VSS
A10
.
.
.
.
.
.


Similar Part No. - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010AC BSI-BS616UV1010AC Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616UV1010AC10 BSI-BS616UV1010AC10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ACG10 BSI-BS616UV1010ACG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com