Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8017FCG55 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616LV8017FCG55
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017FCG55 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616LV8017FCG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017FCG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BS616LV8017
R0201-BS616LV8017
Revision
2.4
Oct.
2008
4
DATA RETENTION CHARACTERISTICS (TA = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
VCC for Data Retention
CE≧VCC-0.2V
VIN≧VCC-0.2V or VIN≦0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE≧VCC-0.2V
VIN≧VCC-0.2V or VIN≦0.2V
--
0.4
4.0
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. VCC=1.5V, TA=25
OC and not 100% tested.
2. tRC = Read Cycle Time.
3. ICCDR(Max.) is 2.0uA at TA=70
OC.
LOW VCC DATA RETENTION WAVEFORM (CE Controlled)
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM “H” TO “L”
WILL BE CHANGE
FROM “H” TO “L”
MAY CHANGE
FROM “L” TO “H”
WILL BE CHANGE
FROM “L” TO “H”
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE≧VCC - 0.2V
VDR≧1.5V
CE
VCC
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time:
1V/ns
Fall Time:
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS616LV8017FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017FCG55 BSI-BS616LV8017FCG55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8017FCG55 BSI-BS616LV8017FCG55 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com