Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV2006DIP70 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV2006DIP70
Description  Very Low Power CMOS SRAM 256K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2006DIP70 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV2006DIP70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2006DIP70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Very Low Power CMOS SRAM
256K X 8 bit
BS62LV2006
R0201-BS62LV2006
Revision
1.4
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC operation voltage : 2.4V ~ 5.5V
Very low power consumption :
VCC = 3.0V Operation current : 23mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
0.7/2uA (Max.) at 70/85
OC
VCC = 5.0V Operation current : 55mA (Max.) at 55ns
10mA (Max.) at 1MHz
Standby current :
6/20uA (Max.) at 70/85
OC
High speed access time :
-55
55ns (Max.) at VCC : 3.0~5.5V
-70
70ns (Max.) at VCC : 2.7~5.5V
Automatic power down when chip is deselected
Easy expansion with CE2, CE1 and OE options
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS62LV2006 is a high performance, very low power CMOS
Static Random Access Memory organized as 262,144 by 8 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 2/20uA at Vcc=3V/5V at 85
OC and maximum access time
of 55/70ns.
Easy memory expansion is provided by an active LOW chip enable
(CE1), an active HIGH chip enable (CE2), and active LOW output
enable (OE) and three-state output drivers.
The BS62LV2006 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS62LV2006 is available in DICE form, JEDEC standard 32 pin
450mil Plastic SOP, 8mmx13.4mm STSOP, and 8mmx20mm TSOP
package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5V
VCC=3V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS62LV2006DC
DICE
BS62LV2006SC
SOP-32
BS62LV2006STC
STSOP-32
BS62LV2006TC
Commercial
+0
OC to +70OC
6.0uA
0.7uA
9mA
29mA
53mA
1.5mA
9mA
22mA
TSOP-32
BS62LV2006SI
SOP-32
BS62LV2006STI
STSOP-32
BS62LV2006TI
Industrial
-40
OC to +85OC
20uA
2.0uA
10mA
30mA
55mA
2mA
10mA
23mA
TSOP-32
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62LV2006SC
BS62LV2006SI
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
BS62LV2006TC
BS62LV2006TI
BS62LV2006STC
BS62LV2006STI
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A4 A3 A2 A1 A0
Data
Input
Buffer
Control
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A7
A12
A14
A16
A17
A15
A11
A8
A9
A13
8
8
8
8
8
256
2048
1024
10
A10
A6
CE2
CE1
WE
OE
VCC
GND
Data
Output
Buffer
A5


Similar Part No. - BS62LV2006DIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2006DIP70 BSI-BS62LV2006DIP70 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006DIP70 BSI-BS62LV2006DIP70 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62LV2006DIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
List of Unclassifed Man...
STC62WV2568 ETC1-STC62WV2568 Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Brilliance Semiconducto...
BS62LV2000 BSI-BS62LV2000 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2003 BSI-BS62LV2003 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2008 BSI-BS62LV2008 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2001 BSI-BS62LV2001 Datasheet
283Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2007 BSI-BS62LV2007 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2009 BSI-BS62LV2009 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com