Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4016AIP10 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616UV4016AIP10
Description  Ultra Low Power CMOS SRAM 256K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016AIP10 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616UV4016AIP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 10Page - Brilliance Semiconductor BS616UV4016AIP10 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BS616UV4016
R0201-BS616UV4016
Revision
1.7
Oct.
2008
8
WRITE CYCLE 2
(1,6)
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and WE low. All
signals must be active to initiate a write and any one signal can terminate a write by going
inactive. The data input setup and hold timing should be referenced to the second transition
edge of the signal that terminates the write.
3. tWR is measured from the earlier of CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite
phase to the outputs must not be applied.
5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low during this period, DQ pins are in the output state. Then the data input signals
of opposite phase to the outputs must not be applied to them.
10.Transition is measured
± 500mV from steady state with C
L = 5pF.
The parameter is guaranteed but not 100% tested.
11.tCW is measured from the later of CE going low to the end of write.
12.The change of Read/Write cycle must accompany with CE or address toggled.
tWC
tCW
(11)
tWP
(2)
tAW
tWHZ
(4,10)
tAS
tWR2
(3)
tDH
tDW
DIN
DOUT
WE
LB, UB
CE
ADDRESS
(5)
tOW
(7)
(8)
(8,9)
tBW
(12)


Similar Part No. - BS616UV4016AIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016AIP10 BSI-BS616UV4016AIP10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AIP10 BSI-BS616UV4016AIP10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016AIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com