Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4006TCP70 Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS62LV4006TCP70
Description  Very Low Power CMOS SRAM 512K X 8 bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4006TCP70 Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS62LV4006TCP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 10Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 11Page - Brilliance Semiconductor BS62LV4006TCP70 Datasheet HTML 12Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BS62LV4006
R0201-BS62LV4006
Revision
1.5
Oct.
2008
11
PACKAGE DIMENSIONS (continued)
3. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION.
RAD R1
DETAIL "X"
RAD R
WITH PLATING
BASE METAL
SECTION Y-Y
DAMBAR INTRUSION SHALL NOT CAUSE THE LEAD TO BE NARROWER
BE WIDER THAN THE MAX b DIMENSION BY MORE THAN 0.13mm
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD TO
4. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSIONS/INTRUSION.
INTERLEAD PROTRUSION SHALL NOT EXCEED 0.25(0.01") PER SIDE.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION.
MOLD PROTRUSION SHALL NOT EXCEED 0.15(0.006") PER SIDE.
THAN THE MIN b DIMENSION BY MORE THAN 0.07mm.
SEATING PLANE
Y
-T-
1
Y Y
16
"X"
32
17
0.050 BASIC
0.8 REF
0.031 REF
0.95 REF
2. REFREENCE DOCUMENT : JEDEC MS-024
1. CONTROLLING DIMENSION : MILLIMETERS.
Y
NOTE:
R1
ZD
R
L2
0.12
0.12
0.10
0.005
0.005
0.25
0.037 REF
0.25 BASIC
1.27 BASIC
L1
L
e
E1
0.40
0.50
10.03
10.16
E
D
c1
c
11.56
20.82
11.76
20.95
0.10
0.12
0.127
0.016
0.394
0.60
10.29
0.010 BASIC
0.020
0.400
0.004
0.005
0.455
0.820
11.96
21.08
0.16
0.21
0.463
0.825
0.005
0.004
0.010
0.024
0.405
0.471
0.830
0.006
0.008
DIMENSION
NOM.
b1
b
A2
A1
0.30
0.30
0.40
0.95
0.05
1.00
0.10
A
MIN.
(MM)
0.012
0.012
0.037
0.002
0.52
0.45
1.05
0.15
0.016
0.039
0.004
MIN.
MAX.
1.20
NOM.
(INCH)
DIMENSION
0.018
0.020
0.042
0.006
MAX.
0.047
e
b
ZD
D
GAGE PLANE
L2
L
b
b1
TSOP II - 32


Similar Part No. - BS62LV4006TCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006TCP70 BSI-BS62LV4006TCP70 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006TCP70 BSI-BS62LV4006TCP70 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4006TCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4008 BSI-BS62LV4008 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com