Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14N50G-TQ2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 14N50G-TQ2-T
Description  14A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N50G-TQ2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  14N50G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies 14N50G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies 14N50G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies 14N50G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies 14N50G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies 14N50G-TQ2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
14N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-720.a
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 14N50G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N50 UTC-14N50_15 Datasheet
211Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 14N50G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com