Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4006 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV4006
Description  Very Low Power CMOS SRAM 512K X 8 bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4006 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV4006 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4006 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Very Low Power CMOS SRAM
512K X 8 bit
BS62LV4006
R0201-BS62LV4006
Revision
1.5
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC operation voltage : 2.4V ~ 5.5V
Very low power consumption :
VCC = 3.0V
Operation current : 30mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
2/4uA (Max.) at 70/85
OC
VCC = 5.0V
Operation current : 70mA (Max.) at 55ns
10mA (Max.) at 1MHz
Standby current :
10/20uA (Max.) at 70/85
OC
High speed access time :
-55
55ns (Max.) at VCC=3.0~5.5V
-70
70ns (Max.) at VCC=2.7~5.5V
Automatic power down when chip is deselected
Easy expansion with CE and OE options
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS62LV4006 is a high performance, very low power CMOS
Static Random Access Memory organized as 524,288 by 8 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 4/20uA at Vcc=3V/5V at 85
OC and maximum access time
of 55/70ns.
Easy memory expansion is provided by an active LOW chip enable
(CE), and active LOW output enable (OE) and three-state output
drivers.
The BS62LV4006 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS62LV4006 is available in DICE form, JEDEC standard 32 pin
450mil Plastic SOP, 600mil Plastic DIP, 400 mil TSOP II,
8mmx13.4mm STSOP and 8mmx20mm TSOP package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5V
VCC=3V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS62LV4006DC
DICE
BS62LV4006EC
TSOP II-32
BS62LV4006PC
PDIP-32
BS62LV4006SC
SOP-32
BS62LV4006STC
STSOP-32
BS62LV4006TC
Commercial
+0
OC to +70OC
10uA
2.0uA
9mA
43mA
68mA
1.5mA
18mA
29mA
TSOP-32
BS62LV4006EI
TSOP II-32
BS62LV4006PI
PDIP-32
BS62LV4006SI
SOP-32
BS62LV4006STI
STSOP-32
BS62LV4006TI
Industrial
-40
OC to +85OC
20uA
4.0uA
10mA
45mA
70mA
2mA
20mA
30mA
TSOP-32
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62LV4006EC
BS62LV4006EI
BS62LV4006SC
BS62LV4006SI
BS62LV4006PC
BS62LV4006PI
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
A17
A15
VCC
A18
A16
A14
A12
A7
A6
A5
A4
BS62LV4006TC
BS62LV4006TI
BS62LV4006STC
BS62LV4006STI
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A4 A3 A2 A1 A0
Data
Input
Buffer
Control
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A12
A14
A16
A18
A15
A17
A13
A8
A9
A11
8
8
8
8
9
256
4096
1024
10
A5
A7
CE
WE
OE
VCC
GND
Data
Output
Buffer
A6
A0


Similar Part No. - BS62LV4006

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006DC55 BSI-BS62LV4006DC55 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006DC70 BSI-BS62LV4006DC70 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006DCG55 BSI-BS62LV4006DCG55 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4006

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4008 BSI-BS62LV4008 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com