Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSH10AG-X-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MPSH10AG-X-T92-B
Description  RF TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSH10AG-X-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  MPSH10AG-X-T92-B Datasheet HTML 1Page - Unisonic Technologies MPSH10AG-X-T92-B Datasheet HTML 2Page - Unisonic Technologies MPSH10AG-X-T92-B Datasheet HTML 3Page - Unisonic Technologies MPSH10AG-X-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSH10A
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-065,Ba
TEST CIRCUIT
2.0kΩ
10kΩ
Input
50kΩ
680Ω
1000pF
1000pF
1000pF
5.0-18pF
L1
VBB
TUM
0.8-10pF
1000pF
1000pF
100pF
2.0pF
0.8-10pF
T1
L2
Vcc=12V
L1-L3 turns No.16 wire,1/2 inch Lx 1/4 inch ID
tapped 1 1/2 turns from cold side
L2 - L6 turns No.14 wire,1 inch Lx inch ID
T1 - Pri.1 turn No.16 wire
Sec.1 turn No.18 wire
175pF
50pF
RFC
1000pF
1000pF
RFC
-Vee
Vcc
(Note 1)
(Note 2)
500mHz Output
into 50Ω
Note 1. 2 turns No.16 AWG wire,3/8 inch OD,11/4 inch long
2. 9 turns No,22 AWG wire,3/16 inch OD,1/2 inch long
Figure 1. Neutralized 200 MHz PG and NF Circuit
Figure 2. 500 MHz Oscillator Circuit


Similar Part No. - MPSH10AG-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSH10A UTC-MPSH10A Datasheet
130Kb / 5P
   RF TRANSISTOR
MPSH10A UTC-MPSH10A_15 Datasheet
162Kb / 3P
   NPN DIGITAL TRANSISTOR
More results

Similar Description - MPSH10AG-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com