Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR11160.5AL-XX-S08-D-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LR11160.5AL-XX-S08-D-R
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR11160.5AL-XX-S08-D-R Datasheet(HTML) 8 Page - Unisonic Technologies

  LR11160.5AL-XX-S08-D-R Datasheet HTML 1Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 2Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 3Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 4Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 5Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 6Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 7Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 8Page - Unisonic Technologies LR11160.5AL-XX-S08-D-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LR1116/B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R102-022.O
ELECTRICAL CHARACTERISTICS (Cont.)
For LR1116/B-3.6V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA,TJ=25
3.564
3.6
3.636
V
Output Voltage
VOUT
VIN=(VOUT+2V)~15V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
3.528
3.6
3.672
V
Line Regulation
ΔVOUT VIN=(VOUT+2V)~15V, IOUT=0mA
0.1
0.6
%
Load Regulation
ΔVOUT
VIN=VOUT+2V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
2
3
%
Temperature Stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ=125℃
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ=25
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
0.16
0.3
V
IOUT= 500mA
0.4
0.6
V
IOUT= 800mA (only for LR1116)
0.6
0.8
V
Thermal Regulation
TA=25
℃, 30ms Pulse
0.01
0.10 %/W
For LR1116/B-5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA,TJ=25
4.95
5.0
5.05
V
Output Voltage
VOUT
VIN=(VOUT+2V)~15V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
4.90
5.0
5.10
V
Line Regulation
ΔVOUT VIN=(VOUT+2V)~15V, IOUT=0mA
0.1
0.6
%
Load Regulation
ΔVOUT
VIN=VOUT+2V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
2
3
%
Temperature Stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ=125℃
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ=25
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
0.16
0.3
V
IOUT= 500mA
0.4
0.6
V
IOUT= 800mA (only for LR1116)
0.6
0.8
V
Thermal Regulation
TA=25
℃, 30ms Pulse
0.01
0.10 %/W
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LR11160.5AL-XX-S08-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116 Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
LR1116 UTC-LR1116 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116-XX-AA3-A-R UTC-LR1116-XX-AA3-A-R Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
LR1116-XX-AA3-A-T UTC-LR1116-XX-AA3-A-T Datasheet
174Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LR11160.5AL-XX-S08-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118_12 Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
127Kb / 6P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117_12 Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com