Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4867 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4867
Description  DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4867 Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4867 Datasheet HTML 1Page - Unisonic Technologies PA4867 Datasheet HTML 2Page - Unisonic Technologies PA4867 Datasheet HTML 3Page - Unisonic Technologies PA4867 Datasheet HTML 4Page - Unisonic Technologies PA4867 Datasheet HTML 5Page - Unisonic Technologies PA4867 Datasheet HTML 6Page - Unisonic Technologies PA4867 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA4867
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-125.B
TYPICAL APPLICATION CIRCUIT
M
U
X
AmpAM
AmpAS
Control Pin
Headphone
Tip
Ring
Control Pin
M
U
X
AmpBM
AmpBS
Audio
Input
CS
0.1µF
RI
20KΩ R
I
20KΩ
CI
0.33µF
Audio
Input
13
11
20
8
6 -IN A1
+IN A
VDD
4, 17
-IN B2
-IN B1
+IN B
2, 7, 19
20KΩ
20KΩ
20KΩ
+OUT B12
18
16
-OUT B
+OUT A
3
20KΩ
20KΩ
-OUT A 5
20KΩ
CI
0.33µF
Sleeve
GND
CB
2.2µF
MUX CTRL
Bias
Control
Shutdown
HP-IN
1
10
Voltage
Bypass
And
De-pop
Noise
Bypass
14
CI
0.33µF R
I
Audio
Input
20KΩ
20KΩ
RI
CI
0.33µF
Audio
Input
15
Rf
20KΩ
Rf
20KΩ
Rf
20KΩ
Rf
20KΩ
9 -IN A2
Figure 1. Typical Audio Amplifier Application Circuit
Thermal
Shutdown


Similar Part No. - PA4867

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867-N20-R UMC-PA4867-N20-R Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867-N20-T UMC-PA4867-N20-T Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867-P20-R UMC-PA4867-P20-R Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867-P20-T UMC-PA4867-P20-T Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - PA4867

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com