Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4894 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4894
Description  1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4894 Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4894 Datasheet HTML 1Page - Unisonic Technologies PA4894 Datasheet HTML 2Page - Unisonic Technologies PA4894 Datasheet HTML 3Page - Unisonic Technologies PA4894 Datasheet HTML 4Page - Unisonic Technologies PA4894 Datasheet HTML 5Page - Unisonic Technologies PA4894 Datasheet HTML 6Page - Unisonic Technologies PA4894 Datasheet HTML 7Page - Unisonic Technologies PA4894 Datasheet HTML 8Page - Unisonic Technologies PA4894 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PA4894
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-379.A
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VP
6.0
V
Operating Supply Voltage
VOPR
2.2 ~ 5.5
V
Input Voltage
VIN
-0.3 ~ VCC +0.3
V
Max Output Current
IOUT
500
mA
Power Dissipation (Note 2)
PD
Internally Limited
Junction Temperature
TJ
150
°C
Operating Temperature (TA)
TOPR
-40 ~+85
°C
Storage Temperature Range
TSTG
−65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The thermal shutdown set to 160°C (typical) avoids irreversible damage on the device due to power
dissipation.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
ELECTRICAL CHARACTERISTICS (Ta= −40°C~ +85°C, unless otherwise specified).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Common Mode Voltage
VCM
VP/2
V
High
VTHD(H)
1.4
V
SD Select Threshold
Low
VTHD(L)
0.4
V
VP = 3.0V, RL= 8.0Ω
2.5
V
Ta= 25°C
4.0
4.3
V
Output Swing
VO(SW)
VP = 5.0V, RL= 8.0Ω
Ta= -40°C ~ +85°C 3.85
V
Output Offset Voltage
VO(OFF) 2.2V≤VP≤5.5V
-30
1.0
30
mV
VP = 3.0 V, No Load
1.9
mA
VP = 5.0 V, No Load
2.1
mA
VP = 3.0 V, 8.0Ω
2.0
mA
Supply Quiescent Current
IQ
VP = 5.0 V, 8.0 Ω
2.2
4.0
mA
Ta= 25°C
20
600
nA
Shutdown Current
ISHDN
2.2V≤VP≤5.5V
SDM=SDS=GND
Ta= -40°C ~ +85°C
2.0
μA
Turning On Time
TWU
CBYP = 1.0μF
140
ms
Turning Off Time
TSD
20
ms
VP = 3.0 V
0.39
W
VP = 3.3 V
0.48
W
RMS Output Power
PO(RMS) RL= 8.0Ω, THD+N<0.1%
VP = 5.0 V
1.08
W
VP=5.0V
-80
dB
F=217 Hz
VP=3.0V
-80
dB
VP=5.0V
-85
dB
Power Supply Ratio
PSRR
G=2.0, RL=8.0Ω
CBYP= 1.0μF
VP(RIPP_PP)= 200mV
Input Terminated with 10Ω
F=1.0 kHz
VP=3.0V
-85
dB
Over Temperature Shutdown
OTS
160
°C
VP = 3.0 V, PO(RMS)= 380mW
64
%
Efficiency
η
VP = 5.0 V, PO(RMS)= 1.0W
63
%
VP = 3.0V, F = 1.0 kHz
RL= 8.0Ω, AV= 2.0, PO= 0.32 W
0.007
%
Total Harmonic Distortion
THD
VP = 5.0V, F = 1.0 kHz
RL= 8.0Ω, AV= 2.0, PO= 1.0 W
0.006
%
Notes: 1. Min and Max limits are guaranteed by design, test or statistical analysis.
2. See page 8 for a theoretical approach of these parameters.


Similar Part No. - PA4894

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4894G-SM2-R UTC-PA4894G-SM2-R Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - PA4894

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com