Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4990 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA4990
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4990 Datasheet(HTML) 7 Page - Unisonic Technologies

  PA4990 Datasheet HTML 1Page - Unisonic Technologies PA4990 Datasheet HTML 2Page - Unisonic Technologies PA4990 Datasheet HTML 3Page - Unisonic Technologies PA4990 Datasheet HTML 4Page - Unisonic Technologies PA4990 Datasheet HTML 5Page - Unisonic Technologies PA4990 Datasheet HTML 6Page - Unisonic Technologies PA4990 Datasheet HTML 7Page - Unisonic Technologies PA4990 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PA4990
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-235.D
TYPICAL CHARACTERISTICS


Similar Part No. - PA4990

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Pulse A Technitrol Comp...
PA4990 PULSE-PA4990 Datasheet
375Kb / 6P
   SMT Power Inductor
PA4990.101HLT PULSE-PA4990.101HLT Datasheet
375Kb / 6P
   SMT Power Inductor
PA4990.121HLT PULSE-PA4990.121HLT Datasheet
375Kb / 6P
   SMT Power Inductor
PA4990.151HLT PULSE-PA4990.151HLT Datasheet
375Kb / 6P
   SMT Power Inductor
More results

Similar Description - PA4990

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com