Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7522L-H12-A-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA7522L-H12-A-T
Description  DUAL 3-W BTL AUDIO POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7522L-H12-A-T Datasheet(HTML) 6 Page - Unisonic Technologies

  PA7522L-H12-A-T Datasheet HTML 1Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 2Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 3Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 4Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 5Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 6Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 7Page - Unisonic Technologies PA7522L-H12-A-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PA7522
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-059.A
APPLICATION CIRCUIT EXAMPLE
1
2
3
4
5
6
7
8
9
10
11
12
470μF
VCC
8Ω
Out 1
10μF
68kΩ
270kΩ
10kΩ
Standby
VIN1
1.0μF
1.0μF
10kΩ
VIN2
Volume
Out 2


Similar Part No. - PA7522L-H12-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7522L-H12-A-T UTC-PA7522L-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7522L-H12-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com