Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA31002-D08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TA31002-D08-T
Description  TELEPHONE TONE RINGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31002-D08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TA31002-D08-T Datasheet HTML 1Page - Unisonic Technologies TA31002-D08-T Datasheet HTML 2Page - Unisonic Technologies TA31002-D08-T Datasheet HTML 3Page - Unisonic Technologies TA31002-D08-T Datasheet HTML 4Page - Unisonic Technologies TA31002-D08-T Datasheet HTML 5Page - Unisonic Technologies TA31002-D08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TA31002
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R108-004.B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
30
V
Power Dissipation
PD
800
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C)
(All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VOPR
29
V
Initiation Supply Voltage
Vsi
(note 1)
17
19
21
V
Sustaining Supply Voltage
Vsus
(note 2)
10.5
12
-
V
Initiation Current Consumption
Isi
1.4
3.3
4.2
mA
Sustaining Current Consumption
Isus
No-Load
0.7
1.4
2.5
mA
Fl
C1=0.47
µF, R1=165kΩ
9
10
11
Hz
fH1
461
512
563
Hz
Oscillation Frequency (not3)
fH2
C2=6800pF, R2=191k
576
640
703
Hz
Output Voltage “H” Level
VOH
Vcc=24V, VOH=-10mA
PIN7=GND
20.0
21.5
22.5
V
Output Voltage “L” Level
VOL
Vcc=24V, VOL=10mA
PIN7=7V
0.7
1.0
2.0
V
*Note : 1. Initiation supply voltage (Vsi) is a supply voltage required to start oscillation of the tone ringer.
2. Sustaining supply voltage (Vsus) is a supply voltage required to maintain oscillation of the tone ringer.
3. Oscillation frequency is determined by the following equations 1, 2, and 3.
(1) fL=1/1.234
•R1•C1 (Hz) ; (2)fH1=1/1.515•R2•C2 (Hz); (3)fH2=1.24 fH1(Hz)


Similar Part No. - TA31002-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA31002-D08-T UTC-TA31002-D08-T Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
TA31002-D08-T UTC-TA31002-D08-T Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results

Similar Description - TA31002-D08-T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com