Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2003L-TB5-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TDA2003L-TB5-T
Description  10W CAR RADIO AUDIO AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003L-TB5-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button TDA2003L-TB5-T Datasheet HTML 2Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 3Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 4Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 5Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 6Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 7Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 8Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 9Page - Unisonic Technologies TDA2003L-TB5-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TDA2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-002,F
TYPICAL CHARACTORISTICS
810
12
14
16
Vs(V)
0
4
2
6
8
Quiescent output voltage vs.Supply
voltage
810
12
14
16
Vs(V)
0
20
40
60
80
Quiescent drain current vs.Supply
voltage
05
10
15
20
Vs(V)
0
5
10
15
20
Output power vs.Supply voltage
Gv=40dB
f=1kHz
THD=10%
R=4Ω
R=3.2Ω
R=2Ω
R=1.6Ω
Output power vs.load resistance
02
4
6
8
RL (
)
0
4
8
12
16
Vs=16V
Vs=14.4V
Vs=12V
Vs=8V
Gv=40dB
f=1kHz
THD=10%
Gain vs. Input sensitivity
Gain vs. Input sensitivity
10
100
1000
20
24
28
32
36
40
44
48
52
54
58
VS=14.4V
f=1kHz
RL=4
VS=14.4V
f=1kHz
RL=2
10
20
24
28
32
36
40
44
48
52
54
58
100
1000
VI (RMS)
VI (RMS)
POUT=6W
POUT=0.5W
POUT=10W
POUT=0.5W


Similar Part No. - TDA2003L-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2003L-TB5-T UTC-TDA2003L-TB5-T Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003L-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com