Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030-TA5-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TDA2030-TA5-T
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030-TA5-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TDA2030-TA5-T Datasheet HTML 5Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 9Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 10Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 11Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 12Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R107-004,D
It is quite common that midrange and tweeter speakers have an efficiency 3dB higher than woofers.
1
2
5
4
3
UTC
TDA2030
1
2
5
4
3
UTC
TDA2030
1
2
5
4
3
UTC
TDA2030
0.22 F
2200 F
18nF
33nF
100 F
0.22 F
1N4001
1 F
0.1 F
0.1 F
0.22 F
Vs+
18nF
3.3nF
100 F
0.22 F
3.3 nF
3.3 nF
47 F
0.22 F
100 F
0.22 F
220 F
0.22 F
2200 F
1N4001
BD908
BD907
22k
1
4
1.5
1.5
3.3k
22k
22k
680
100
1
22k
22k
6.8k
3.3k
100
2.2k
Vs+
1N4001
1N4001
1N4001
8
1
2.2k
12k
100
22k
8
22k
22k
Vs+
100 F
Vs+
IN
Woofer
Midrange
Tweeter
High-pass
3KHz
High-pass
3KHz
Band-pass
300Hz to 3KHz
Low-pass
300Hz
1N4001
MUSICAL INSTRUMENTS AMPLIFIERS
Another important field of application for active system is music.
In this area the use of several medium power amplifiers is more convenient than a single high power amplifier, and
it is also more reliable. A typical example (see Fig. 4) consist of four amplifiers each driving a low-cost, 12 inch
loudspeaker. This application can supply 80 to 160W rms.


Similar Part No. - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2030-TA5-T HOTCHIP-TDA2030-TA5-T Datasheet
1Mb / 14P
   Very low extermal component required
More results

Similar Description - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com