Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030A-TB5-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TDA2030A-TB5-T
Description  18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030A-TB5-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TDA2030A-TB5-T Datasheet HTML 5Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 9Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 10Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 11Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 12Page - Unisonic Technologies TDA2030A-TB5-T Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 14
www.unisonic.com.tw
QW-R107-005,C
MULTIWAY SPEAKER SYSTEMS AND ACTIVE BOXES
Multiway loudspeaker systems provide the best possible acoustic performance since each loudspeaker is
specially designed and optimized to handle a limited range of frequencies. Commonly, these loudspeaker systems
divide the audio spectrum two or three bands.
To maintain a flat frequency response over the Hi-Fi audio range the bands cobered by each loudspeaker must
overlap slightly. Imbalance between the loudspeakers produces unacceptable results therefore it is important to
ensure that each unit generates the correct amount of acoustic energy for its segments of the audio spectrum. In this
respect it is also important to know the energy distribution of the music spectrum to determine the cutoff frequencies
of the crossover filters (see Fig. 2). As an example, a 100W three-way system with crossover frequencies of 400Hz
and 3KHz would require 50W for the woofer, 35W for the midrange unit and 15W for the tweeter.
Both active and passive filters can be used for crossovers but active filters cost significantly less than a good
passive filter using aircored inductors and non-electrolytic capacitors. In addition active filters do not suffer from the
typical defects of passive filters:
--Power less;
--Increased impedance seen by the loudspeaker (lower damping)
--Difficulty of precise design due to variable loudspeaker impedance.
Obviously, active crossovers can only be used if a power amplifier is provide for each drive unit. This makes it
particularly interesting and economically sound to use monolithic power amplifiers.
In some applications complex filters are not relay necessary and simple RC low-pass and high-pass networks
(6dB/octave) can be recommended.
The result obtained are excellent because this is the best type of audio filter and the only one free from phase and
transient distortion.
The rather poor out of band attenuation of single RC filters means that the loudspeaker must operate linearly well
beyond the crossover frequency to avoid distortion.
A more effective solution is shown in Fig. 3.
The proposed circuit can realize combined power amplifiers and 12dB/octave high-pass or low-pass filters.
In proactive, at the input pins amplifier two equal and in-phase voltages are available, as required for the active
filter operations.
The impedance at the Pin (-) is of the order of 100
Ω, while that of the Pin (+) is very high, which is also what was
wanted.
The components values calculated for fc=900Hz using a Bessel 3rd Sallen and Key structure are:
C1=C2=C3=22nF, R1=8.2K
Ω, R2=5.6KΩ, R3=33KΩ.
Using this type of crossover filter, a complete 3-way 60W active loudspeaker system is shown as below.
It employs 2nd order Buttherworth filter with the crossover frequencies equal to 300Hz and 3kHz.
The midrange section consistors of two filters a high pass circuit followed by a low pass network. With Vs=36V the
output power delivered to the woofer is 25W at d=0.06% (30W at d=0.5%).The power delivered to the midrange and


Similar Part No. - TDA2030A-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A-TB5-T UTC-TDA2030A-TB5-T Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
More results

Similar Description - TDA2030A-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_15 Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
   18W Hi-Fi AMPLIFIER AND DRIVER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com