Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2025-D16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TEA2025-D16-T
Description  STEREO AUDIO AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025-D16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  TEA2025-D16-T Datasheet HTML 1Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 2Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 3Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 4Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA2025-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO.,LTD.
TEA2025
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD.
QW-R107-033.B
STEREO AUDIO AMPLIFIER
DESCRIPTION
The UTC TEA2025 is a monolithic integrated audio amplifier in
a 16-pin plastic dual in line package. It is designed for portable
cassette players and radios.
FEATURES
*Working Voltage down to 3V
*Few External components
*High Channel isolation
*Voltage gain up to 45dB(Adjustable with external resistor)
*Soft clipping
*Internal Thermal protection
DIP-16
*Pb-free plating product number: TEA2025L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
TEA2025-D16-T
TEA2025L-D16-T
DIP-16
Tube
PIN CONFIGURATION
1
2
3
4
16
15
14
13
12
11
10
9
8
7
6
5
+Vs
OUT.1
BOOT.1
GND
GND
FEEDBACK
IN.1 (+)
GND (sub)
SVR
IN.2 (+)
FEEDBACK
GND
GND
BOOT.2
OUT.2
BRIDGE


Similar Part No. - TEA2025-D16-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025 STMICROELECTRONICS-TEA2025 Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025 UTC-TEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

Similar Description - TEA2025-D16-T

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com