Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSPT672-L Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSPT672-L
Description  Super Multi TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPT672-L Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSPT672-L Datasheet HTML 1Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 2Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 3Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 4Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 5Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 6Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 7Page - Siemens Semiconductor Group LSPT672-L Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
Super Multi TOPLED®
High-Current LED
LOY T672, LSG T672, LSP T672
LOP T672, LOG T672, LYP T672
Besondere Merkmale
q
Gehäusebauform: P-LCC-4
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
besonders geeignet bei hohem Umgebungslicht
durch erhöhten Betriebsstrom (
≤ 50 mA DC)
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
beide Leuchtdiodenchips getrennt ansteuerbar
q
hohe Signalwirkung durch Farbwechsel der LED möglich
q
bei geeigneter Ansteuerung sind Farbwechsel möglich
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 4083
Features
q
P-LCC-4 package
q
color of package: white
q
for use as optical indicator
q
appropriate for high ambient light because of the higher operation current (
≤ 50 mA DC)
q
for backlighting, optical coupling into light pipes and lenses
q
both chips can be controlled separately
q
high signal efficiency possible by color change of the LED
q
with appropriate controlling color changes possible
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839


Similar Part No. - LSPT672-L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSPT670 OSRAM-LSPT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPT670-FJ SIEMENS-LSPT670-FJ Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-G SIEMENS-LSPT670-G Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-GK SIEMENS-LSPT670-GK Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-H SIEMENS-LSPT670-H Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LSPT672-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LST672 SIEMENS-LST672 Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com