Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CXXX Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 83CXXX
Description  4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXX Datasheet(HTML) 1 Page - Unisonic Technologies

  83CXXX Datasheet HTML 1Page - Unisonic Technologies 83CXXX Datasheet HTML 2Page - Unisonic Technologies 83CXXX Datasheet HTML 3Page - Unisonic Technologies 83CXXX Datasheet HTML 4Page - Unisonic Technologies 83CXXX Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
83CXXX
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-353.b
4-PIN µP VOLTAGE MONITORS
WITH MANUAL RESET INPUT
DESCRIPTION
The UTC 83CXXX is a microprocessor supervisory circuit. It has
an active-low RESET and push-pull outputs. The circuit can assert
a reset signal as long as the VCC power supplies voltage dropping
below a preset threshold and it keep the reset signal for at least
140ms when VCC has risen above the reset threshold. The reset
threshold can be operated with multi-supply voltages.
The UTC 83CXXX provides the circuit with perfect reliability and
low cost through eliminating external components and adjustments
when applied with +5V, +3.3V, +3.0V power supply The UTC
83CXXX
also provide a de-bounced manual reset input.
The reset comparator can work despite of fast transients on
VCC, and the outputs are guaranteed to be in the right logic state
while VCC is down to 1V.
In applications, the UTC 83CXXX is suitable for computers,
intelligent instruments, controllers, critical microprocessor and
microcomputer power monitors, portable or battery-powered
equipment, automotive.
FEATURES
* +3V, +3.3V, and +5V power-supply voltages
* Full temperature rated
* Supply current: 5µA
* Available in configuration: push-pull RESET output
* 140ms minimum power-on reset pulse width
* Guaranteed reset to VCC = +1V
* Power supply transient Immunity
* Eliminating external components
* Manual reset input
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
83CXXXL-AD4-R
83CXXXG-AD4-R
SOT-143
Tape Reel
Note: XXX: Output Voltage, refer to Marking Information.


Similar Part No. - 83CXXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
163Kb / 5P
   CMOS IC
83CXXXG-AD4-R UTC-83CXXXG-AD4-R Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   CMOS IC
More results

Similar Description - 83CXXX

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
   4-Pin 關P Voltage Monitors with Manual Reset Input
2018
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com