Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS5460-L Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS5460-L
Description  5 mm (T1 3/4) LED, Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5460-L Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS5460-L Datasheet HTML 1Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 2Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 3Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 4Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 5Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 6Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 7Page - Siemens Semiconductor Group LS5460-L Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Diffused
LR 5460, LS 5460, LY 5460
LG 5460
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
solder leads without stand-off
q
available taped on reel
q
load dump resistance acc. to DIN 40839


Similar Part No. - LS5460-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LS5469-EH SIEMENS-LS5469-EH Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LS5469-G SIEMENS-LS5469-G Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LS5469-GK SIEMENS-LS5469-GK Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LS5469-H SIEMENS-LS5469-H Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
More results

Similar Description - LS5460-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com