Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF3710G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF3710G-TA3-T
Description  57A, 100V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3710G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UF3710G-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF3710G-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF3710G-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF3710G-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF3710G-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF3710G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF3710
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R203-036.E
57A, 100V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF3710 uses advanced process technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a load switch or
in PWM applications.
FEATURES
* RDS(ON) = 23mΩ @VGS = 10 V
* Ultra low gate charge ( typical 130 nC )
* Low reverse transfer Capacitance ( CRSS = typical 72 pF )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF3710L-TA3-T
UF3710G-TA3-T
TO-220
G
D
S
Tube
UF3710L-TQ2-T
UF3710G-TQ2-T
TO-263
G
D
S
Tube
UF3710L-TQ2-R
UF3710G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF3710G-TA3-T

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UF3710L-TA3-T DOINGTER-UF3710L-TA3-T Datasheet
942Kb / 3P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UF3710G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
IRF3710PBF THINKISEMI-IRF3710PBF Datasheet
1Mb / 7P
   57A,100V Heatsink Planar N-Channel Power MOSFET
FQP70N10 THINKISEMI-FQP70N10 Datasheet
1Mb / 7P
   57A,100V Heatsink Planar N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDB150N10 FAIRCHILD-FDB150N10 Datasheet
526Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 57A, 15m廓
logo
International Rectifier
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRFP3710 IRF-IRFP3710 Datasheet
185Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.025W, Id=57A)
IRF3710 IRF-IRF3710 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=23mohm, Id=57A)
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N_12 Datasheet
125Kb / 7P
   Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com