Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH8100 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UH8100
Description  LOW POWER HALL EFFECT SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8100 Datasheet(HTML) 4 Page - Unisonic Technologies

  UH8100 Datasheet HTML 1Page - Unisonic Technologies UH8100 Datasheet HTML 2Page - Unisonic Technologies UH8100 Datasheet HTML 3Page - Unisonic Technologies UH8100 Datasheet HTML 4Page - Unisonic Technologies UH8100 Datasheet HTML 5Page - Unisonic Technologies UH8100 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UH8100
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-413.C
ABSOLUTE MAXIMUM RATING (T
A=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Magnetic Flux Density
B
Unlimited
mT
Supply Voltage
VDD
7
V
Output Current
IO
10
mA
Package Power Dissipation
PD
230
mW
Junction Temperature
TJ
150
Operation Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-65 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
A=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
5.5
V
ELECTRICAL CHARACTERISTICS (T
A=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output On Voltage
VOUT
VDD=3V, IOUT=1mA
0.1
0.3
V
Output Leakage Current
IOFF
VDD=3V, VOUT=5.5V, B<BRP
<0.1
1
uA
Supply Current
IDD(EN)
VDD=3V, Chip enable
2.0
mA
Supply Current
IDD(DIS)
VDD=3V, Chip disable
IDD(AVG)
VDD=3V,
average supply current
UH8100A
5
10
uA
UH8100B
280
500
uA
Awake Time
TAWAKE
VDD=3V
50
100
us
Period
TPERIOD
VDD=3V,UH8100A
50
100
ms
VDD=3V,UH8100B
200
400
us
Duty Cycle
D.C.
VDD=3V,UH8100A
0.1
%
VDD=3V,UH8100B
25
%
MAGNETIC CHARACTERISTICS ( T
A=25℃,VDD=3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operation Points
|BOP|
40
60
Gauss
Release Points
|BRP|
10
30
Hysteresis
|BOP–BRP|
10


Similar Part No. - UH8100

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8100BG-AE3-R UTC-UH8100BG-AE3-R Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
   LOW POWER HALL EFFECT SWITCH
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
   LOW POWER HALL EFFECT SWITCH
AH182 DIODES-AH182 Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
logo
Unisonic Technologies
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
   LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com